|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FINAL COM'L: -7/10/15 PAL22V10 Family, AMPAL22V10/A 24-Pin TTL Versatile PAL Device DISTINCTIVE CHARACTERISTICS s As fast as 7.5-ns propagation delay and 91 MHz fMAX (external) s 10 Macrocells programmable as registered or combinatorial, and active high or active low to match application needs s Varied product term distribution allows up to 16 product terms per output for complex functions Advanced Micro Devices s Global asynchronous reset and synchronous preset for initialization s Power-up reset for initialization and register preload for testability s Extensive third-party software and programmer support through FusionPLD partners s 24-Pin SKINNYDIP, 24-pin Flatpack and 28-pin PLCC and LCC packages save space GENERAL DESCRIPTION The PAL22V10 provides user-programmable logic for replacing conventional SSI/MSI gates and flip-flops at a reduced chip count. The PAL22V10 device implements the familiar Boolean logic transfer function, the sum of products. The PAL device is a programmable AND array driving a fixed OR array. The AND array is programmed to create custom product terms, while the OR array sums selected terms at the outputs. The product terms are connected to the fixed OR array with a varied distribution from 8 to 16 across the outputs (see Block Diagram). The OR sum of the products feeds the output macrocell. Each macrocell can be programmed as registered or combinatorial, and active high or active low. The output configuration is determined by two fuses controlling two multiplexers in each macrocell. AMD's FusionPLD program allows PAL22V10 designs to be implemented using a wide variety of popular industry-standard design tools. By working closely with the FusionPLD partners, AMD certifies that the tools provide accurate, quality support. By ensuring that thirdparty tools are available, costs are lowered because a designer does not have to buy a complete set of new tools for each device. The FusionPLD program also greatly reduces design time since a designer can use a tool that is already installed and familiar. BLOCK DIAGRAM CLK/I0 1 11 I1 - I11 Programmable AND Array (44 x 132) 8 10 12 14 16 16 14 12 10 8 RESET OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL OUTPUT LOGIC MACRO CELL PRESET I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 I/O8 I/O9 16559C-1 Publication# 16559 Rev. C Issue Date: February 1996 Amendment /0 2-197 AMD CONNECTION DIAGRAMS Top View SKINNYDIP/FLATPACK CLK/I0 I1 I2 I3 I4 I5 I6 I7 I8 I9 I10 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC I/O9 I/O8 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 I11 I10 GND 16559C-2 PLCC/LCC CLK/I0 VCC I/O9 I/O8 NC 1 I2 I1 4 I3 I4 I5 NC I6 I7 I8 5 6 7 8 9 10 11 3 2 28 27 26 25 24 23 22 21 20 19 I/O7 I/O6 I/O5 NC I/O4 I/O3 I/O2 12 13 14 15 16 17 18 I/O0 I/O1 NC I11 I9 16559C-3 Note: Pin 1 is marked for orientation. PIN DESIGNATIONS CLK I I/O NC VCC = Clock = Input = Input/Output = No Connect = Supply Voltage GND = Ground 2-198 PAL22V10 Family AMD ORDERING INFORMATION Commercial Products AMD programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of: PAL 22 V 10 -7 P C FAMILY TYPE PAL or AmPAL = Programmable Array Logic NUMBER OF ARRAY INPUTS OUTPUT TYPE V = Versatile NUMBER OF OUTPUTS SPEED -7 = 7.5 ns tPD -10 = 10 ns tPD -15 = 15 ns tPD A = 25 ns tPD OPTIONAL PROCESSING Blank = Standard Processing OPERATING CONDITIONS C = Commercial (0C to +75C) PACKAGE TYPE P = 24-Pin 300 mil Plastic SKINNYDIP (PD3024) J = 28-Pin Plastic Leaded Chip Carrier (PL 028) Valid Combinations PAL22V10-7 PAL22V10-10 PAL22V10-15 AMPAL22V10A PC, JC Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. PAL22V10-7/10/15, AMPAL22V10A (Com'l) 2-199 AMD FUNCTIONAL DESCRIPTION The PAL22V10 allows the systems engineer to implement a design on-chip, by opening fuse links to configure AND and OR gates within the device, according to the desired logic function. Complex interconnections between gates, which previously required timeconsuming layout, are lifted from the PC board and placed on silicon, where they can be easily modified during prototyping or production. Product terms with all fuses opened assume the logical HIGH state; product terms connected to both true and complement of any single input assume the logical LOW state. The PAL22V10 has 12 inputs and 10 I/O macrocells. The macrocell (Figure 1) allows one of four potential output configurations; registered output or combinatorial I/O, active high or active low (see Figure 2). The configuration choice is made according to the user's design specification and corresponding programming of the configuration bits S0 - S1. Multiplexer controls initially are connected to ground (0) through a programmable fuse, selecting the "0" path through the multiplexer. Programming the fuse disconnects the control line from GND and it is driven to a high level, selecting the "1" path. The device is produced with a fuse link at each input to the AND gate array, and connections may be selectively removed by applying appropriate voltages to the circuit. Variable Input/Output Pin Ratio The PAL22V10 has twelve dedicated input lines, and each macrocell output can be an I/O pin. Buffers for device inputs have complementary outputs to provide user-programmable input signal polarity. Unused input pins should be tied to VCC or GND. AR DQ CLK Q SP S1 1 1 0 0 0 1 0 1 S1 S0 0 0 1 1 S0 0 1 0 1 Output Configuration Registered/Active Low Registered/Active High Combinatorial/Active Low Combinatorial/Active High I/On 0 1 0 = Unprogrammed fuse 1 = Programmed fuse 16559C-4 Figure 1. Output Logic Macrocell Diagram 2-200 PAL22V10 Family AMD Registered Output Configuration Each macrocell of the PAL22V10 includes a D-type flipflop for data storage and synchronization. The flip-flop is loaded on the LOW-to-HIGH transition of the clock input. In the registered configuration (S1 = 0), the array feedback is from Q of the flip-flop. S0 = 0 S1 = 0 Q Q SP Combinatorial I/O Configuration Any macrocell can be configured as combinatorial by selecting the multiplexer path that bypasses the flip-flop (S1 = 1). In the combinatorial configuration the feedback is from the pin. AR D CLK S0 = 0 S1 = 1 Registered/Active Low S0 = 1 S1 = 0 Q Q SP Combinatorial/Active Low S0 = 1 S1 = 1 AR D CLK Registered/Active High Combinatorial/Active High 16559C-5 Figure 2. Macrocell Configuration Options Programmable Three-State Outputs Each output has a three-state output buffer with threestate control. A product term controls the buffer, allowing enable and disable to be a function of any product of device inputs or output feedback. The combinatorial output provides a bidirectional I/O pin, and may be configured as a dedicated input if the buffer is always disabled. Preset/Reset For initialization, the PAL22V10 has Preset and Reset product terms. These terms are connected to all registered outputs. When the Synchronous Preset (SP) product term is asserted high, the output registers will be loaded with a HIGH on the next LOW-to-HIGH clock transition. When the Asynchronous Reset (AR) product term is asserted high, the output registers will be immediately loaded with a LOW independent of the clock. Note that preset and reset control the flip-flop, not the output pin. The output level is determined by the output polarity selected. Programmable Output Polarity The polarity of each macrocell output can be active high or active low, either to match output signal needs or to reduce product terms. Programmable polarity allows Boolean expressions to be written in their most compact form (true or inverted), and the output can still be of the desired polarity. It can also save "DeMorganizing" efforts. Selection is controlled by programmable bit S0 in the output macrocell, and affects both registered and combinatorial outputs. Selection is automatic, based on the design specification and pin definitions. Power-Up Reset All flip-flops power-up to a logic LOW for predictable system initialization. Outputs of the PAL22V10 will depend on the programmed output polarity. The VCC rise must be monotonic and the reset delay time is 1000 ns maximum. PAL22V10 Family 2-201 AMD Register Preload The register on the PAL22V10 can be preloaded from the output pins to facilitate functional testing of complex state machine designs. This feature allows direct loading of arbitrary states, making it unnecessary to cycle through long test vector sequences to reach a desired state. In addition, transitions from illegal states can be verified by loading illegal states and observing proper recovery. Quality and Testability The PAL22V10 offers a very high level of built-in quality. Extra programmable fuses, test words and test columns provide a means of verifying performance of all AC and DC parameters. In addition, this verifies complete programmability and functionality of the device to provide the highest programming yields and post-programming functional yields in the industry. Technology The AMPAL22V10A is fabricated with AMD's diffusionisolated bipolar process. The array connections are formed with highly reliable PtSi fuse. The PAL22V10-15, -10 and -7 are fabricated with AMD's diffusion-isolated bipolar process. This process reduces parasitic capacitances and minimum geometries to provide higher performance. The array connections are formed with PtSi fuses on the -15, and TiW fuses on the -7 and -10 for reliable operation. Security Fuse After programming and verification, a PAL22V10 design can be secured by programming the security fuse. Once programmed, this fuse defeats readback of the internal programmed pattern by a device programmer, securing proprietary designs from competitors. When the security fuse is programmed, the array will read as if every fuse is programmed, and preload will be disabled. Programming The PAL22V10 can be programmed on standard logic programmers. Approved programmers are listed at the end of this data book. 2-202 PAL22V10 Family AMD LOGIC DIAGRAM SKINNYDIP (PLCC/LCC) Pinouts CLK/I 0 1 (2) 0 1 0 3 4 7 8 11 12 15 16 19 20 23 24 27 28 31 32 35 36 39 40 43 AR 1 D 0 1 0 1 24 (28) VCC AR SP 1 Q Q 0 0 23 I/O 9 (27) 9 0 1 10 1 D AR Q 1 0 0 0 1 0 1 22 I/O 8 (26) 20 SP Q I1 2 (3) 21 0 1 1 D AR Q Q 1 0 0 0 1 0 1 21 I/O 7 (25) 33 SP 0 1 I2 3 (4) 34 1 D AR Q Q 1 0 0 0 1 0 1 20 I/O 6 (24) SP 48 I3 4 (5) 0 1 49 1 D AR Q Q 1 0 0 0 1 0 1 19 I/O 5 (23) SP 65 I4 5 (6) 0 1 66 1 D AR Q Q 1 0 0 0 1 0 1 18 I/O 4 (21) SP 82 I5 6 (7) 0 1 1 D AR Q Q 1 0 0 0 1 0 1 83 17 I/O 3 (20) SP 97 I6 7 (9) 0 1 98 1 D AR Q Q 1 0 0 0 1 0 1 16 I/O 2 (19) 110 SP 0 1 I7 8 (10) 111 1 D AR Q 1 0 0 0 1 0 1 15 I/O 1 (18) 121 Q SP 0 1 I8 9 (11) 122 1 D AR Q 1 0 0 0 1 0 1 14 I/O 0 (17) 130 SP Q I9 10 (12) 11 (13) 0 1 131 SP 13 (16) 0 3 4 7 8 11 12 15 16 19 20 23 24 27 28 31 32 35 36 39 40 43 I11 I 10 GND 12 (14) 16559C-6 PAL22V10 Family 2-203 AMD ABSOLUTE MAXIMUM RATINGS Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -1.2 V to VCC + 0.5 V DC Output or I/O Pin Voltage . -0.5 V to VCC + 0.5 V Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V Operating ranges define those limits between which the functionality of the device is guaranteed. DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 16 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 Input CLK -100 -150 1 100 -100 -30 -130 220 mA A A mA mA Min 2.4 0.5 Max Unit V V V V V A A Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 2-204 PAL22V10-7 (Com'l) AMD CAPACITANCE (Note 1) Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 6 5 pF Unit Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected. SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2) Parameter Symbol tPD tS tH tCO tSKEWR tAR tARW tARR tSPR tWL tWH Maximum Frequency (Note 4) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input, Feedback or SP to Clock Hold Time Clock to Output Skew Between Registered Outputs (Note 5) Asynchronous Reset to Registered Output Asynchronous Reset Width Asynchronous Reset Recovery Time Synchronous Preset Recovery Time Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 6) 1/(tWH + tWL) 8 8 5 4 4 91 100 125 8 7.5 Min (Note 3) 1 5 0 1 6 1 12 Max 7.5 Unit ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz ns ns fMAX tEA tER Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums are measured under best-case conditions. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 5. Skew is measured with all outputs switching in the same direction. 6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS. PAL22V10-7 (Com'l) 2-205 AMD ABSOLUTE MAXIMUM RATINGS Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -1.2 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V Operating ranges define those limits between which the functionality of the device is guaranteed. DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 16 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 Input CLK -100 -150 1 100 -100 -30 -130 180 Min 2.4 0.5 Max Unit V V V V V A A mA A A mA mA Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 2-206 PAL22V10-10 (Com'l) AMD CAPACITANCE (Note 1) Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 6 5 pF Unit Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected. SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2) Parameter Symbol tPD tS tH tCO tAR tARW tARR tSPR tWL tWH Clock Width Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input, Feedback or SP to Clock Hold Time Clock to Output Asynchronous Reset to Registered Output Asynchronous Reset Width Asynchronous Reset Recovery Time Synchronous Preset Recovery Time LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) 10 8 8 5 5 71 80 100 11 9 Min (Note 3) 1 7 0 1 7 15 Max 10 Unit ns ns ns ns ns ns ns ns ns ns MHz MHz MHz ns ns fMAX Maximum Frequency (Note 4) tEA tER Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums are measured under best-case conditions. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS. PAL22V10-10 (Com'l) 2-207 AMD ABSOLUTE MAXIMUM RATINGS Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V DC Input Current . . . . . . . . . . . . . -30 mA to +5 mA DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V Operating ranges define those limits between which the functionality of the device is guaranteed. DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 16 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -100 1 100 -100 -30 -130 180 Min 2.4 0.5 Max Unit V V V V V A A mA A A mA mA Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 2-208 PAL22V10-15 (Com'l) AMD CAPACITANCE (Note 1) Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 9 6 5 Unit pF Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected. SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2) Parameter Symbol tPD tS tH tCO tAR tARW tARR tSPR tWL tWH Maximum Frequency (Note 4) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input, Feedback or SP to Clock Hold Time Clock to Output Asynchronous Reset to Registered Output Asynchronous Reset Width Asynchronous Reset Recovery Time Synchronous Preset Recovery Time Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) 15 10 10 6 6 50 80 83 15 15 10 0 10 20 Min (Note 3) Max 15 Unit ns ns ns ns ns ns ns ns ns ns MHz MHz MHz ns ns fMAX tEA tER Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums are measured under best-case conditions. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS. PAL22V10-15 (Com'l) 2-209 AMD ABSOLUTE MAXIMUM RATINGS Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . . . . . -0.5 V to +5.5 V DC Input Current . . . . . . . . . . . . . . -30 mA to +5 mA DC Output or I/O Pin Voltage . . . -0.5 V to VCC Max Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V Operating ranges define those limits between which the functionality of the device is guaranteed. DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 16 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -100 1 100 -100 -30 -90 180 Min 2.4 0.5 Max Unit V V V V V A A mA A A mA mA Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 2-210 AMPAL22V10A (Com'l) AMD CAPACITANCE (Note 1) Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 11 6 9 Unit pF Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected. SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2) Parameter Symbol tPD tS tH tCO tAR tARW tARR tSPR tWL tWH fMAX tEA tER Maximum Frequency (Note 3) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input, Feedback or SP to Clock Hold Time Clock to Output Asynchronous Reset to Registered Output Asynchronous Reset Width Asynchronous Reset Recovery Time Synchronous Preset Recovery Time Clock Width LOW HIGH External Feedback 1/(tS + tCO) 25 35 20 15 15 28.5 25 25 20 0 15 30 Min Max 25 Unit ns ns ns ns ns ns ns ns ns ns MHz ns ns Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. AMPAL22V10A (Com'l) 2-211 AMD SWITCHING WAVEFORMS Input or Feedback tS Input or Feedback VT tPD Combinatorial Output VT 16559C-7 VT tH VT tCO Clock Registered Output VT 16559C-8 Combinatorial Output Registered Output Input or Feedback tWH Clock tWL 16559C-9 VT tER tEA VOH - 0.5V VOL + 0.5V VT 16559C-10 VT Output Clock Width Input to Output Disable/Enable Input Asserting Asynchronous Reset tARW VT tAR Input Asserting Synchronous Preset tS tH VT tSPR VT tCO Registered Output VT tARR Clock Clock VT 16559C-11 Registered Output VT 16559C-12 Asynchronous Reset Synchronous Preset Notes: 1. VT = 1.5 V. 2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns - 4 ns typical. 2-212 PAL22V10 Family AMD KEY TO SWITCHING WAVEFORMS WAVEFORM INPUTS Must be Steady May Change from H to L May Change from L to H Don't Care, Any Change Permitted Does Not Apply OUTPUTS Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is HighImpedance "Off" State KS000010-PAL SWITCHING TEST CIRCUIT 5V S1 R1 Output R2 Test Point CL 16559C-13 Commercial Specification tPD, tCO tEA tER S1 Closed Z H: Open Z L: Closed H Z: Open L Z: Closed 50 pF 5 pF 300 CL R1 R2 All except -7: 390 -7: 300 Measured Output Value 1.5 V 1.5 V H Z: VOH - 0.5 V L Z: VOL + 0.5 V PAL22V10 Family 2-213 AMD MEASURED SWITCHING CHARACTERISTICS for the PAL22V10-10 VCC = 4.75 V, TA = 75C (Note 1) 10 9 tPD, ns 8 7 1 2 3 4 5 6 7 8 9 10 Number of Outputs Switching tPD vs. Number of Outputs Switching 16559C-14 13 12 11 10 tPD, ns 9 8 7 0 40 80 CL, pF 120 160 200 tPD vs. Load Capacitance 16559C-15 Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where tPD may be affected. 2-214 PAL22V10-10 AMD INPUT/OUTPUT EQUIVALENT SCHEMATICS VCC Input Program/Verify Circuitry 16559C-16 Typical Input VCC 40 NOM Output Input, I/O Pins Program/Verify/ Test Circuitry Preload Circuitry 16559C-17 Typical Output PAL22V10 Family 2-215 AMD POWER-UP RESET The power-up reset feature ensures that all flip-flops will be reset to LOW after the device has been powered up. The output state will depend on the programmed pattern. This feature is valuable in simplifying state machine initialization. A timing diagram and parameter table are shown below. Due to the synchronous operation of the power-up reset and the wide range of ways VCC Parameter Symbol tPR tS tWL Parameter Description Power-up Reset Time Input or Feedback Setup Time Clock Width LOW can rise to its steady state, two conditions are required to ensure a valid power-up reset. These conditions are: s The VCC rise must be monotonic. s Following reset, the clock input must not be driven from LOW to HIGH until all applicable input and feedback setup times are met. Max 1000 Unit ns See Switching Characteristics VCC Power 4V tPR Registered Active-Low Output tS Clock 16559C-18 tWL Power-Up Reset Waveform 2-216 PAL22V10 Family |
Price & Availability of AMPAL22V10 |